PART |
Description |
Maker |
06801.63.04 06826.63.04 03318.63.04 03327.63.04 03 |
Safety Orange Extension Cords 3-Conductor Grounded . Type SJTW . -40oC to 60?C . 300 Volts
|
General Cable Technologies Corporation
|
04457.60.05 |
3-Conductor Grounded
|
General Cable Technologies Corporation
|
BYX82 BYX83 BYX84 BYX85 BYX86 |
Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Conductor Material:Steel; Conductor Plating:Copper; Jacket Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Steel; Conductor Plating:Copper; Jacket Color:Black RoHS Compliant: Yes Silicon Mesa Rectifiers From old datasheet system
|
Vishay Intertechnology,Inc. Vishay Siliconix
|
BYW34 BYW36 BYW32 BYW33 BYW35 |
MINIATURE GLASS PASSIVATED FAST SWITCHING RECTIFIER Composite Data, Audio, Video, Security & Control Cable; Composite Conductor Types:2 Coaxial 8 Pairs; Number of Conductors:18; Conductor Size AWG Composite Cable; Composite Conductor Types:2 Coaxial 8 Pairs 2 Fibers; Number of Conductors:18; Conductor Size AWG:24-18; No. Strands x Strand Size Coaxial Cable; Coaxial RG/U Type:7; Impedance:75ohm; Conductor Size AWG:16; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Black; Temperature Max:75 C RoHS Compliant: Yes
|
GE[General Semiconductor] GE Security, Inc.
|
M37210M4-562SP M37211M2-011SP M37211M2-534SP M3721 |
RESIS,4.7K,5%,1-8W,SMT1206 Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Purple; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:White; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Black; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Gray; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Black; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:White/Black; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes RES 4.7K-OHM 5% 0.125W 200PPM THK-FILM SMD-1206 BULK DIODE SWITCHING SINGLE 75V 215mA-Io 250mW 3000ns-trr SOT-23 3K/REEL SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER 单芯位CMOS微机电压合成与屏幕显示控制器
|
Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
L72CB-1YTA-L L72CB-1GDA L72CB-1GDA-2L L72CB-1GDA-L |
RIGHT ANGLE LED LAMPS 直角LED节能 RES NET ISOLATED 2.7K OHM 6-SIP Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Steel; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.2pF/ft; Conductor Material:Steel; Jacket Color:Black RoHS Compliant: Yes
|
http:// Kingbright, Corp. MICRO-ELECTRONICS[Micro Electronics]
|
MCC-12 MCC-3 MCC-5 MCC-4 MCC-8 MCC-9 MCC-13 MCC-15 |
The cable can be grounded and fixed with one part
|
List of Unclassifed Manufac...
|
MV1471_CG_DPAS MV1471 MV1471_CG_DGAS MV1471/CG/DPA |
Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.3pF/ft; Conductor Material:Copper; Jacket Color:White RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.3pF/ft; Conductor Material:Copper; Leaded Process Compatible:Yes RoHS Compliant: Yes HDB3/AMI ENCODER/DECODER
|
Zarlink Semiconductor Inc.
|
BYX133GL |
Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Color:Yellow; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 3173; CSA Type CL1251; Conductor Material:Copper RoHS Compliant: Yes High-voltage car ignition diode
|
NXP Semiconductors N.V. Philips Semiconductors
|
AD9951YSV-REEL7 AD9951PCB ANALOGDEVICESINC-AD9951Y |
Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Color:Blue; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1061, CSA Type AWM; Conductor Material:Copper RoHS Compliant: Yes 400 MSPS 14-Bit/ 1.8 V CMOS Direct Digital Synthesizer
|
Analog Devices, Inc.
|
M36W108T100ZN5T M36W108T100ZM6T M36W108T120ZM6T M3 |
TV 5C 5#16 PIN RECP Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Conductor Material:Copper; Jacket Color:Light Blue; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Jacket Color:Blue; Leaded Process Compatible:Yes; Voltage Nom.:30V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Conductor Material:Copper; Jacket Color:Black; Leaded Process Compatible:Yes; Number of Conductors:1 RoHS Compliant: Yes TV 6C 6#20 PIN WALL RECP 8兆8,启动块闪存兆位128KB的x8 SRAM的低电压多媒体存储产 Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes 8兆8,启动块闪存兆位128KB的x8 SRAM的低电压多媒体存储产
|
意法半导 STMicroelectronics N.V.
|